Part Number Hot Search : 
IDT7054L ICM72 H9435S BR9770 S18LA SD330S M4B31 MMA1250D
Product Description
Full Text Search
 

To Download BYM10-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay general semiconductor bym10-50 thru BYM10-1000, gl41a thru gl41y document number 88546 26-jun-06 www.vishay.com 1 surface mount glass passivated junction rectifier features ? superectifier structure for high reliability condition ? patented glass-plastic encapsulation technique ? ideal for automated placement ? low forward voltage drop ? low leakage current ? high forward surge capability ? meets environmental standard mil-s-19500 ? meets msl level 1, per j-std-020c, lf max peak of 250 c ? solder dip 260 c, 40 seconds ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in general purpose rectification of power supplies, inverters, converters and free- wheeling diodes for consumer, automotive and telecommunication. mechanical data case: do-213ab, molded epoxy over glass body epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: two bands indicate cathode end - 1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating patented* ? do-213ab *glass-plastic encapsulation is covered by patent no. 3,996,602, brazed-lead assembly to patent no. 3,930,306 major ratings and characteristics i f(av) 1.0 a v rrm bym-50-1000 gl41a-y 50 v to 1000 v 50 v to 1600 v i fsm 30 a i r 10 a e as 5 mj v f 1.1 v, 1.2 v t j max. 175 c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol bym 10-50 bym 10-100 bym 10-200 bym 10-400 bym 10-600 bym 10-800 bym 10-1000 unit standard recovery device: 1st band is white gl41a gl41b gl41d gl41g gl41j gl41k gl41m gl41t gl41y polarity color bands (2nd band) gray red orange yellow green blue violet white brown maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 1300 1600 v maximum rms voltage v rms 35 70 140 280 420 560 700 910 1120 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 1300 1600 v maximum average forward rectified current (see fig. 1) i f(av) 1.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a
www.vishay.com 2 document number 88546 26-jun-06 vishay general semiconductor bym10-50 thru BYM10-1000, gl41a thru gl41y note: (1) thermal resistance from junction to ambient, 0. 24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal (2) thermal resistance from junction to terminal, 0. 24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal maximum full load reverse current full cycle average at t a = 75 c i r(av ) 30 a non-repetitive peak reverse avalanche energy at t j = 25 c, i as = 1 a, l = 10 mh e as 5-a operating junction and storage temperature range t j , t stg - 65 to + 175 c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol bym 10-50 bym 10-100 bym 10-200 bym 10-400 bym 10-600 bym 10-800 bym 10-1000 unit standard recovery device: 1st band is white gl41a gl41b gl41d gl41g gl41j gl41k gl41m gl41t gl41y electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol bym 10-50 bym 10-100 bym 10-200 bym 10-400 bym 10-600 bym 10-800 bym 10-1000 unit gl41a gl41b gl41d gl41g gl41j gl41k gl41m gl41t gl41y maximum instantaneous forward voltage at 1.0 a v f 1.1 1.2 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 125 c i r 10 50 a typical junction capacitance at 4.0 v, 1 mhz c j 8.0 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol bym 10-50 bym 10-100 bym 10-200 bym 10-400 bym 10-600 bym 10-800 bym 10-1000 unit gl41a gl41b gl41d gl41g gl41j gl41k gl41m gl41t gl41y typical thermal resistance r ja r jt 75 (1) 30 (2) c/w ordering information preferred p/n unit weight (g) referred package base quantity delivery mode bym10-600-e3/96 0.114 96 1500 7" di ameter plastic tape & reel bym10-600-e3/97 0.114 97 5000 13" diameter plastic tape & reel gl41j-e3/96 0.114 96 1500 7" di ameter plastic tape & reel gl41j-e3/97 0.114 97 5000 13" di ameter plastic tape & reel
document number 88546 26-jun-06 www.vishay.com 3 bym10-50 thru BYM10-1000, gl41a thru gl41y vishay general semiconductor ratings and characteristics curves (t a = 25 c unless otherwise noted) figure 1. forward current derating curve figure 2. maximum non-repetitiv e peak forward surge current figure 3. typical instantaneous forward characteristics 25 50 75 100 125 150 175 0 0.25 0.50 0.75 1.0 gl41a thr u gl41m gl41t thr u gl41y 60 hz resisti v e or ind u cti v e load a v erage for w ard rectified c u rrent (a) terminal temperat u re (c) 1 10 100 10 5.0 15 20 25 30 gl41a thr u gl41m 0 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 10 1 0.1 0.01 gl41a thr u gl41j gl41k thr u gl41y t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) figure 4. maximum non-repetitive peak forward surge current figure 5. typical junction capacitance figure 6. typical transient thermal impedance 0 20 40 60 8 0 100 0.01 0.1 1 10 instantaneo u s re v erse c u rrent ( a) t j = 100 c t j = 25 c percent of rated peak re v erse v oltage (%) 1 10 100 10 1 30 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p re v erse v oltage ( v ) j u nction capaci tance (pf) 0.01 0.1 10 1 100 0.1 10 100 1 mo u nted on 0.20 x 0.27" (5 x 7 mm) copper pad areas t - p u lse d u ration (s) transient thermal impedance (c/ w )
www.vishay.com 4 document number 88546 26-jun-06 vishay general semiconductor bym10-50 thru BYM10-1000, gl41a thru gl41y package outline dimensions in inches (millimeters) solderable e n ds 1st ba n d 0.022 (0.56) 0.01 8 (0.46) 0.205 (5.2) 0.1 8 5(4.7) d1 = 0.105 0.095 (2.67) (2.41) d2 = d1 + 0 - 0.00 8 (0.20) d2 0.022 (0.56) 0.01 8 (0.46) do-213ab 0.13 8 max (3.5) max 0.049 mi n (1.25) mi n 0.11 8 mi n (3.0) mi n 0.23 8 (6.0) ref mountin g pad layout 1st b and denotes type and positi v e end (cathode)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of BYM10-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X